PART |
Description |
Maker |
SI1013-A-GM SI1010-A-GM SI1015-A-GM SI1011-A-GM SI |
Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
|
Silicon Laboratories http://
|
ST7285A5CQ6 ST7285A5CQ8 ST72T85A5Q6 |
8-BIT MICROCONTROLLER (MCU) FOR CAR RADIO WITH ROM, EPROM OR OTP, RDS (RADIO DATA SYSTEM), ADC, TIMERS, SPI (S), I2C, SCI, PQFP80 8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
|
SGS Thomson Microelectronics ST Microelectronics
|
MAX161 MAX161ACPI MAX161ACWI MAX161AEPI MAX161AEWI |
CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System CMOS 8-Bit 8-Channel Data Acquisition System CMOS 8Bits 8 Channel DAS(CMOS 8 通道数据采集系统) 16-Bit Ultra-Low-Power MCU, 116KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, DMA, 3 OPAMP, 160 Seg LCD 100-LQFP -40 to 85 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 CMOS 8-Bit 8Channel Data Acquisition System CMOS0µs位通道数据采集系统
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
P87LPC768FN P87LPC768 P87LPC768BD P87LPC768BN P87L |
From old datasheet system Low Power, Low System Cost 80C51 MCU with ADC and PWM
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
C8051F206 C8051F220 |
25 MIPS,8k Flash,1.25k Ram,12bit ADC,48 Pin MCU(25 MIPS,8k 闪速存储器,1.25k Ram,12ADC,48 MCU) 25 MIPS,8k Flash,256 Ram,8bit ADC,48 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,48 MCU)
|
Cygnal Technologies
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
ST72T141K2 ST72141 ST72141K2M3 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM. 256 BYTES RAM.ADC. WDG. SPI & 2 TIMERS. SDIP32-SO34
|
STMicroelectronics
|
ST72F521M9T6 ST72F521M9TC ST72F521R9T6 ST72F521R9T |
From old datasheet system 8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
ADUC812 ADUC812BS |
MicroConverter⑩, Multichannel 12-Bit ADC with Embedded FLASH MCU MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU MicroConverter Multichannel 12-Bit ADC with Embedded FLASH MCU MicroConverter, Multichannel 12-Bit ADC with Embedded FLASH MCU
|
AD[Analog Devices]
|
ST72F321R7T6 ST72F321R7TA ST72321J9TA ST72F321J9T6 |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|
N74F777A N74F777N I74F777N I74F777A 74F777 74F777_ |
From old datasheet system 16-bit Ultra-Low-Power Microcontroller, 32KB Flash, 1KB RAM, Sigma-Delta ADC, 128 Seg LCD 64-LQFP -40 to 85 F/FAST SERIES, 3-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PQCC20 Triple bidirectional latched bus transceiver 3-State open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
|